Part Number Hot Search : 
TE75A P87C5 A1010 SPKC1290 8201XA C1210 AVF30007 C4072D
Product Description
Full Text Search
 

To Download 2802P-R-DUAL-FA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Force
Optical Broadcast Systems
CATV
Model 2802PRO
CATV Transmitter
Transmits up to 10 CATV channels over one single-mode fiber. Supports transmission of sub-band, low-band, FM, mid-band, and highband channels, adding flexibility to the system. Built-in RF Input Level indicator aids in commissioning and troubleshooting the link. Return path receiver option is available for back-haul applications. Compatible with standard television industry voltages and impedances. Ideal for small corporate TV video distribution, campus media retrieval, teleconferencing, and much more.
CMTS Amplifier
2802P-R Dual Return Rx
Model 2802PRO Transmitter
Head End
20:1
6925 CWDM
2807NB Rx with Return Path
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation. 825 Park Street, Christiansburg, VA 24073 USA (800) 732-5252 * TEL (540) 382-0462 * FAX (540) 381-0392 csr-sales@forceinc.com * www.forceinc.com
(c) Copyright 2006. EMCORE Corporation
Coax Splitter
The Force, Incorporated CATV Model 2802PRO 10 Channel CATV VSB/AM video link offers a state-of-the-art solution for high-quality CATV transmission. The Model 2802PRO offers exceptional analog bandwidth from 5 to 400 MHz allowing transmission of all sub-band, lowband, FM, mid-band, and high-band channels. This feature allows the system to deliver custom designed video services. In conjunction with a VCR, camcorder, or cable television feed, the Model 2802PRO can transmit TV channels and their sound carriers, over a distance of 10 km or more at 1310 nm over one single-mode fiber. A return path receiver is available for back-haul applications. The unit utilizes inputs from standard CATV VSB/AM modulators, processors, and other ancillary equipment, making the Model 2802PRO link an excellent plug-and-play system. LED indicators and built-in RF and optical power meters allow for quick assessment of the link's status.
6925 CWDM
Apartment Building
Modem 2W TV Modem 2W TV
Modem 2W TV
Modem 2W TV
Specifications and Ordering Information
Optical and RF Characteristics
Tx Optical Output Power Rx Optical Input Power Optical Loss Range Operating Wavelength Lower Bandwidth Upper Bandwidth Impedance Carrier-to-Noise Ratio End-to-End Link Gain 0 dB Optical Loss 10 dB Optical Loss Composite Triple Beat Composite Second Order Flatness
65 1 Channel 3 Channels
Electrical Characteristics
Max +4.0 +4.0 12 1330 5 Units dBm dBm dB nm MHz MHz Ohms Min Power Supply Voltage Tx Current Draw Rx Current Draw Typ +9 205 95 Max 260 150 Units VDC mA mA
Min +2.0 -9.0 0 1290 350
Typ +3.0
1310
Physical Characteristics
Typ Max 6 170 Weight (3RU Rx) 8 227 Dimensions (Stand-alone Tx/Rx) 5.75 x 2.95 x 1.143 146 x 75 x 29 Dimensions (3RU Rx) 5.06 x 1.39 x 12.00 129 x 35 x 305 Weight (Stand-alone Tx/Rx) Min Units oz. g oz. g in. mm in. mm
400 75 See Graph Below +24 +4 -63 -70 dB dB -57 -65 1.0
dB dB dB
Environmental Characteristics
Operating Temp. Range Storage Temp. Range Relative Humidity Min +10 -20 0 Typ Max +40 +70 95 Units C C %
60
Video CNR (dB)
55
6 Channels 10 Channels
50
45
40
35 -9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
Received Optical Power (dBm)
Model 2802PRO Stand-alone Receiver and Transmitter
Model 2802PRO Dual Return Receiver Front and Rear Panels
SM 10 Channel Link P/N
2802PRO Tx and Rx Options Std.-alone Tx, SM, 1310 nm Std.-alone Rx, SM, 1310/1550 nm FC/APC Conn. 2802P-T-1310-FA 2802P-R-FA SC/APC Conn. 2802P-T-1310-SA 2802P-R-SA
Rack and P P/N .S.
Accessory Options Stand-alone P.S. +9 Volts DC 3RU 19" Rack Chassis 3RU P.S., Universal AC 3RU P.S., -48 Volts DC 3000CB-NN 3000UC-NN 3000UE-NN Rack Accessories Power Supplies PS095-1
3RU Dual Return Rx, SM, 1310/1550 nm 2802P-R-DUAL-FA 2802P-R-DUAL-SA
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation. 825 Park Street, Christiansburg, VA 24073 USA (800) 732-5252 * TEL (540) 382-0462 * FAX (540) 381-0392 csr-sales@forceinc.com * www.forceinc.com
Rev. 1.1, 05/24/06
(c) Copyright 2006. EMCORE Corporation


▲Up To Search▲   

 
Price & Availability of 2802P-R-DUAL-FA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X